PART |
Description |
Maker |
ATS-1041-C1-R0DS |
maxiFLOW Cross Cut High Performance Heat Sinks with Plastic Push Pin
|
Advanced Thermal Solutions, Inc.
|
KGEA-BFWX KGEA-BFCWX-B-0345J KGEA-BFCWX-A-0161J KG |
Keyless go emmitter antenna winding heat shrink tube Emitter Antenna 103x20x9mm Housing plastic base-potted and outside connector unsealed&sealed
|
PREMO CORPORATION S.L
|
SDT04S60 SDD04S60 SDP04S60 Q67040-S4368 Q67040-S43 |
Heat Sink; Package/Case:TO-220; Thermal Resistance:20.3 C/W; Mounting Type:Through Hole; Body Material:Plastic; Color:Black; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sink Material:Plastic RoHS Compliant: No Heat Sink; Package/Case:TO-220; Thermal Resistance:20.3 C/W; Mounting Type:Through Hole; Length:18.03mm; Height:12.7mm; Width:25.4mm; Body Material:Plastic; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Silicon Carbide Schottky Diodes - 4A diode in TO220-3 package Silicon Carbide Schottky Diodes - 4A diode in TO252 package Silicon Carbide Schottky Diodes - 4A diode in TO220-2 package
|
INFINEON[Infineon Technologies AG]
|
CP600 CP601 CP604 CP6010 CP602 CP606 CP608 |
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A/ HEAR-SINK MTG 6A SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A , HEAT-SINK MTG 6A(VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A) SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A / HEAT-SINK MTG 6A(VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A / HEAT-SINK MTG 6A)
|
TRSYS Pan Jit International Inc. PanJit International Inc.
|
ATF1504SEL ATF1508SEL ATF1502SEL ATF1508SEL-15JC84 |
ATF1502/04/08/16SE(L) Preliminary [Updated 9/02. 69 Pages] Second Generation Industry Compatible 5V Logic Doubling CPLDs 32-512 Macrocells. standard & low power w/ISP EE PLD, 15 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 15 ns, PQFP160 28 X 28 MM, PLASTIC, QFP-160 EE PLD, 15 ns, PQFP100 14 X 20 MM, PLASTIC, QFP-100 EE PLD, 10 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160
|
Atmel, Corp. ATMEL CORP
|
TRV-XXXX TRV-10200 TRV-1270 TRV-1500 TRV-160 TRV-1 |
Electrically Insulating PVC Heat-Shrinkable Tubing Electrically insulating PVC heat shrinkable tubing 电绝缘PVC热收缩套
|
3M Company MACOM[Tyco Electronics] Coilcraft, Inc. Amphenol, Corp.
|
ATS-19G-117-C1-R0 |
Heat Sink Assembly
|
Advanced Thermal Soluti...
|
ATS-19G-117-C2-R0 |
Heat Sink Assembly
|
Advanced Thermal Soluti...
|
CCB200 CCB200PS12 CCB200PS24 CCB200PS28 CCB200PS48 |
Very Low Heat Loss
|
XP Power Limited
|
SW25-2 |
Universal Heat Sink
|
Aavid Thermalloy
|
5602 5623 5603 5621 5622 5624 |
Mechanical Heat Detectors
|
Systemsensor advanced ideas.
|